PART |
Description |
Maker |
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SS-5-F SS-5-2 SS-01-F-2D SS-01-E-2T SS-01-3T SS-01 |
Subminiature Basic Switch Subminiature Basic Switch
|
Omron Electronics LLC
|
AD876JST-REEL AD876JRS-8 AD876JST AD876AR AD876JR |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 10-Bit 20 MSPS 160 mW CMOS A/D Converter
|
Analog Devices, Inc.
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
M87C257 M87C257-10 M87C257-10C1TR M87C257-10C1X M8 |
ADDRESS LATCHED 256K (32K x 8) UV EPROM and OTP EPROM From old datasheet system SWITCH LEVER SPDT 1A SOLDER TERM Aluminum Electrolytic Capacitor; Capacitor Type:High Voltage; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-20 C to 105 C; Capacitance:33uF; Capacitance Tolerance: /- 20% RoHS Compliant: Yes TW Series Toggle Switch, 2 pole, 3 position, H58 terminal, Locking Lever ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Straight Lever Actuator, Quick Connect Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
DH100ACDCLWP |
Watertight 4-Wire Low-Flow Duct Smoke Detector
|
Systemsensor advanced ideas.
|
266 7312 7868 377 7377 8708 3152 334 334LSV 336 33 |
T-1 3/4 subminiature, miniature grooved lamp. 2.5 volts, 0.35 amps. T-1 3/4 subminiature, midget screw lamp. 2.5 volts, 0.35 amps. T-1 3/4 subminiature, bi-pin lamp. 2.5 volts, 0.35 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.3 volts, 0.075 amps. T-1 3/4 subminiature, bi-pin lamp. 6.3 volts, 0.075 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.3 volts, 0.075 amps. T-1 3/4 subminiature, miniature grooved lamp. 5.0 volts, 0.06 amps. T-1 3/4 subminiature, miniature grooved lamp. 28.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature grooved lamp. 28.0 volts, 0.06 amps. T-1 3/4 subminiature, miniature grooved lamp. 14.0 volts, 0.08 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.0 volts, 0.20 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.0 volts, 0.22 amps. T-1 3/4 subminiature, miniature grooved lamp. 18.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.3 volts, 0.20 amps. T-1 3/4 subminiature, miniature grooved lamp. 3.0 volts, 0.015 amps. T-1 3/4 subminiature, miniature grooved lamp. 14.0 volts, 0.100 amps. T-1 3/4 subminiature, miniature grooved lamp. 22.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature grooved lamp. 1.35 volts, 0.06 amps. T-1 3/4 subminiature, miniature grooved lamp. 10.0 volts, 0.014 amps. T-1 3/4 subminiature, miniature grooved lamp. 4.5 volts, 0.120 amps. T-1 3/4 subminiature, miniature grooved lamp. 5.0 volts, 0.115 amps. T-1 3/4 subminiature, miniature grooved lamp. 5.0 volts, 0.19 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.3 volts, 0.04 amps. T-1 3/4 subminiature, miniature grooved lamp. 6.3 volts, 0.15 amps. T-1 3/4 subminiature, miniature grooved lamp. 11.0 volts, 0.022 amps. T-1 3/4 subminiature, miniature grooved lamp. 12.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature grooved lamp. 28.0 volts, 0.065 amps. T-1 3/4 subminiature, midget screw lamp. 6.0 volts, 0.22 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.0 volts, 0.22 amps. T-1 3/4 subminiature, bi-pin lamp. 6.0 volts, 0.22 amps. T-1 3/4 subminiature, midget screw lamp. 6.0 volts, 0.20 amps. T-1 3/4 subminiature, midget screw lamp. 2.5 volts, 0.20 amps. T-1 3/4 subminiature, miniature flanged lamp. 14.0 volts, 0.08 amps. T-1 3/4 subminiature, midget screw lamp. 14.0 volts, 0.08 amps. T-1 3/4 subminiature, midget screw lamp. 5.0 volts, 0.19 amps. T-1 3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.19 amps. T-1 3/4 subminiature, bi-pin lamp. 5.0 volts, 0.19 amps. T-1 3/4 subminiature, midget screw lamp. 5.0 volts, 0.06 amps. T-1 3/4 subminiature, midget screw lamp. 28.0 volts, 0.04 amps. T-1 3/4 subminiature, midget screw lamp. 28.0 volts, 0.06 amps. T-1 3/4 subminiature, midget screw lamp. 6.0 volts, 0.04 amps. T-1 3/4 subminiature, midget screw lamp. 6.3 volts, 0.20 amps. T-1 3/4 subminiature, miniature flanged lamp. 22.0 volts, 0.04 amps. T-1 3/4 subminiature, midget screw lamp. 22.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.3 volts, 0.15 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.3 volts, 0.20 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.0 volts, 0.04 amps. T-1 3/4 subminiature, miniature flanged lamp. 28.0 volts, 0.04 amps. T-1 3/4 subminiature, midget screw lamp. 1.35 volts, 0.06 amps. T-1 3/4 subminiature, bi-pin lamp. 1.35 volts, 0.06 amps. T-1 3/4 subminiature, miniature flanged lamp. 48.0 volts, 0.030 amps. T-1 3/4 subminiature, bi-pin lamp. 48.0 volts, 0.030amps. T-1 3/4 subminiature, miniature flanged lamp. 28.0 volts, 0.065 amps. T-1 3/4 subminiature, midget screw lamp. 28.0 volts, 0.065 amps. T-1 3/4 subminiature, miniature flanged lamp. 6.0 volts, 0.20 amps. T-1 3/4 subminiature, miniature flanged lamp. 2.5 volts, 0.40 amps.
|
Gilway Technical Lamp
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
247-1679PJB 247-1679PJC 247-1679PMB 247-1679PMC 24 |
D-Subminiature Connector, Right Angle EMI Filtered European Footprint 9 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 26 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 44 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|